전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN89730 데이터시트(PDF) 199 Page - Microchip Technology

부품명 LAN89730
상세설명  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 데이터시트(HTML) 199 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 195Page - Microchip Technology LAN89730 Datasheet HTML 196Page - Microchip Technology LAN89730 Datasheet HTML 197Page - Microchip Technology LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 199
LAN89730
7.6
AC Specifications
This section details the various AC timing specifications of the device.
7.6.1
EQUIVALENT TEST LOAD
Output timing specifications assume the 25 pF equivalent test load illustrated in Figure 7-1 below, unless otherwise
specified.
Note:
The HSIC_DATA and HSIC_STROBE pin timing adheres to the HSIC 1.0 specification. Refer to the High-
Speed Interchip USB Electrical Specification Revision 1.0 (09-23-07) and USB HSIC ECN for detailed USB
timing information.
Note:
The Ethernet TX/RX pin timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specifica-
tion for detailed Ethernet timing information.
FIGURE 7-1:
OUTPUT EQUIVALENT TEST LOAD
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More