전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THS8083APZP 데이터시트(PDF) 8 Page - Texas Instruments

부품명 THS8083APZP
상세설명  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP 데이터시트(HTML) 8 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 4Page - Texas Instruments THS8083APZP Datasheet HTML 5Page - Texas Instruments THS8083APZP Datasheet HTML 6Page - Texas Instruments THS8083APZP Datasheet HTML 7Page - Texas Instruments THS8083APZP Datasheet HTML 8Page - Texas Instruments THS8083APZP Datasheet HTML 9Page - Texas Instruments THS8083APZP Datasheet HTML 10Page - Texas Instruments THS8083APZP Datasheet HTML 11Page - Texas Instruments THS8083APZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1–2
•
Output Formatter
–
Single and double pixel width output data bus for reduced board clock frequency and EMI
–
Support for 4:4:4 and 4:2:2 (ITU–R BT.601 style) output modes to reduce board traces
–
Dedicated DATACLK output for easy latching of output data
•
System
–
Industry-standard normal/fast I2C interface with register readback capability
–
Support for input format detection via integrated monitoring of HS, VS, and pixel clock frequencies
–
Support for multidevice operation (master/slave operation for SXGA resolution)
–
Space-saving TQFP-100 pin package
–
Thermally-enhanced PowerPAD package for better heat dissipation
•
Applications
–
LCD desktop monitors and LCD or DMD-based projection systems
–
Videoconferencing
–
PCTV set-top boxes, digital TV sets, and multimedia cards
–
Scan rate/image resolution converters
–
Video/graphics digitizing equipment (RGB or YUV-based)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64