| 전자부품 데이터시트 검색엔진 |
|
AD9528 데이터시트(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528 데이터시트(HTML) 41 Page - Analog Devices |
|
41 / 68 page ![]() AD9528 Data Sheet Rev. C | Page 40 of 67 Data Transfer Format The write byte format is used to write a register address to the RAM starting from the specified RAM address (see Table 29). Table 29. Data Transfer Format, Write Byte Format S Slave address W A RAM address high byte A RAM address low byte A RAM Data 0 A RAM Data 1 A RAM Data 2 A P The send byte format is used to set up the register address for subsequent reads (see Table 30). Table 30. Data Transfer Format, Send Byte Format S Slave address W A RAM address high byte A RAM address low byte A P The receive byte format is used to read the data byte(s) from RAM starting from the current address (see Table 31). Table 31. Data Transfer Format, Receive Byte Format S Slave address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P The read byte format is the combined format of the send byte and the receive byte (see Table 32). Table 32. Data Transfer Format, Read Byte Format S Slave address W A RAM address high byte A RAM address low byte A Sr Slave address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P I2C Serial Port Timing Figure 51. I2C Serial Port Timing Table 33. I2C Timing Definitions Parameter Description f SCL Serial clock t BUF Bus free time between stop and start conditions t HD; STA Repeated hold time start condition t SU; STA Repeated start condition setup time t SU; STO Stop condition setup time t HD; DAT Data hold time t SU; DAT Data setup time t LOW SCL clock low period t HIGH SCL clock high period t R Minimum/maximum receive SCL and SDA rise time t F Minimum/maximum receive SCL and SDA fall time t SP Pulse width of voltage spikes that must be suppressed by the input filter S Sr S P SDA SCL tSP tHD; STA tSU; STA tSU; DAT tHD; DAT tHD; STA tSU; STO tBUF tR tF tR tF tHIGH tLOW |