| 전자부품 데이터시트 검색엔진 |
|
UT80C196 데이터시트(PDF) 40 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT80C196 데이터시트(HTML) 40 Page - Aeroflex Circuit Technology |
|
40 / 42 page ![]() 40 ORDERING INFORMATION UT80C196KD 16-Bit Microcontroller: SMD Lead Finish: (Note 1, 2) (A) = Solder (C) = Gold (X) = Optional Case Outline: (X) = 68-lead top brazed flatpack Class Designator: (Q) = Class Q Device Type (01) = 20 Mhz, 16-bit microcontroller (02) = 20 Mhz, 16-bit microcontroller, Extended Industrial Temp (-40 o C to +125 o C) Drawing Number: 98583 Total Dose: None Federal Stock Class Designator: No options 5962 - 98583 01 * * * Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an “X” is specified when ordering, part number will match the lead finish and will be either “A” (solder) or “C” (gold). |