| 전자부품 데이터시트 검색엔진 |
|
STM32F411CE 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CE 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 149 page ![]() DocID026289 Rev 6 41/149 STM32F411xC STM32F411xE Pinouts and pin description 56 - 24 - 33 K5 PC4 I/O FT - EVENTOUT ADC1_14 - 25 - 34 L5 PC5 I/O FT - EVENTOUT ADC1_15 18 26 G5 35 M5 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, SPI5_SCK/I2S5_CK, EVENTOUT ADC1_8 19 27 G4 36 M6 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, SPI5_NSS/I2S5_WS, EVENTOUT ADC1_9 20 28 G3 37 L6 PB2 I/O FT - EVENTOUT BOOT1 - - - 38 M7 PE7 I/O FT - TIM1_ETR, EVENTOUT - - - - 39 L7 PE8 I/O FT - TIM1_CH1N, EVENTOUT - - - - 40 M8 PE9 I/O FT - TIM1_CH1, EVENTOUT - - - - 41 L8 PE10 I/O FT - TIM1_CH2N, EVENTOUT - - - - 42 M9 PE11 I/O FT - TIM1_CH2, SPI4_NSS/I2S4_WS, SPI5_NSS/I2S5_WS, EVENTOUT - - - - 43 L9 PE12 I/O FT - TIM1_CH3N, SPI4_SCK/I2S4_CK, SPI5_SCK/I2S5_CK, EVENTOUT - - - - 44 M10 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SPI5_MISO, EVENTOUT - - - - 45 M11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, EVENTOUT - - - - 46 M12 PE15 I/O FT - TIM1_BKIN, EVENTOUT - Table 8. STM32F411xC/xE pin definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |