| 전자부품 데이터시트 검색엔진 |
|
STM32F411CE 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CE 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 149 page ![]() DocID026289 Rev 6 43/149 STM32F411xC STM32F411xE Pinouts and pin description 56 - - - 60 H12 PD13 I/O FT - TIM4_CH2, EVENTOUT - - - - 61 H11 PD14 I/O FT - TIM4_CH3, EVENTOUT - - - - 62 H10 PD15 I/O FT - TIM4_CH4, EVENTOUT - - 37 - 63 E12 PC6 I/O FT - TIM3_CH1, I2S2_MCK, USART6_TX, SDIO_D6, EVENTOUT - - 38 - 64 E11 PC7 I/O FT - TIM3_CH2, SPI2_SCK/I2S2_CK, I2S3_MCK, USART6_RX, SDIO_D7, EVENTOUT - - 39 - 65 E10 PC8 I/O FT - TIM3_CH3, USART6_CK, SDIO_D0, EVENTOUT - - 40 - 66 D12 PC9 I/O FT - MCO_2, TIM3_CH4, I2C3_SDA, I2S2_CKIN, SDIO_D1, EVENTOUT - 29 41 D1 67 D11 PA8 I/O FT - MCO_1, TIM1_CH1, I2C3_SCL, USART1_CK, USB_FS_SOF, SDIO_D1, EVENTOUT - 30 42 D2 68 D10 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, USART1_TX, USB_FS_VBUS, SDIO_D2, EVENTOUT OTG_FS_VBUS Table 8. STM32F411xC/xE pin definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |