| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 118 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 118 Page - Microchip Technology |
|
118 / 396 page ![]() PIC18F2331/2431/4331/4431 DS39616B-page 116 Preliminary 2003 Microchip Technology Inc. FIGURE 10-12: BLOCK DIAGRAM OF RB7:RB6 PINS Data Bus WR LATB WR TRISB Data Latch TRIS Latch RD TRISC Q D Q CK QD EN Q D Q CK RD PORTB RB7/RB6 or PORTB RD LATB Schmitt Trigger RBPU(1) P Weak Pull-up Q1 From other QD EN Set RBIF RB7:RB4 pins RD PORTB Q3 PGC(2)/PGD(3) Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (INTCON2<7>). 2: PGC is available on RB6. 3: PGD is available on RB7. TTL Input Buffer Enable Debug or ICSP 0 1 Debug 01 Enable Enable Debug or ICSP BRBx BTRISx Enable Debug Pin |