| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 121 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 121 Page - Microchip Technology |
|
121 / 396 page ![]() 2003 Microchip Technology Inc. Preliminary DS39616B-page 119 PIC18F2331/2431/4331/4431 FIGURE 10-14: BLOCK DIAGRAM OF RC1 FIGURE 10-15: BLOCK DIAGRAM OF RC2 PORT/CCP2 Select Data Bus WR LATC WR TRISC Data Latch TRIS Latch RD TRISC Q D Q CK QD EN CCP2 Data Out 0 1 Q D Q CK P N VDD VSS RD PORTC CCP2 Input RC1 Pin or PORTC RD LATC Schmitt Trigger To RC0 Pin FLTAMX FLTA input(1) Note 1: FLTA input is multiplexed with RC1 and RD4 using FLTAMX configuration bit in CONFIG3L register. PORT/CCP1 Select Data Bus WR LATC WR TRISC Data Latch TRIS Latch RD TRISC Q D Q CK QD EN CCP1 Data Out 0 1 Q D Q CK P N VDD VSS RD PORTC CCP1 Input/FLTB input RC2 Pin or PORTC RD LATC Schmitt Trigger |