전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC87360 데이터시트(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 PC87360
상세설명  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 데이터시트(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 25Page - National Semiconductor (TI) PC87360 Datasheet HTML 26Page - National Semiconductor (TI) PC87360 Datasheet HTML 27Page - National Semiconductor (TI) PC87360 Datasheet HTML 28Page - National Semiconductor (TI) PC87360 Datasheet HTML 29Page - National Semiconductor (TI) PC87360 Datasheet HTML 30Page - National Semiconductor (TI) PC87360 Datasheet HTML 31Page - National Semiconductor (TI) PC87360 Datasheet HTML 32Page - National Semiconductor (TI) PC87360 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
29
www.national.com
2.0
Device Architecture and Configuration
The PC87360 SuperI/O device comprises a collection of generic and proprietary functional blocks. Each functional block is
described in a separate chapter in this document. However, some parameters in the implementation of each functional block
may vary per SuperI/O device. This chapter describes the PC87360 structure and provides all logical device specific infor-
mation, including special implementation of generic blocks, system interface and device configuration.
2.1
OVERVIEW
The PC87360 consists of 11 logical devices, the host interface, and a central set of configuration registers, all built around
a central, internal bus. The internal bus is similar to an 8-bit ISA bus protocol. See Figure 1, which illustrates the blocks and
related logic.
The system interface serves as a bridge between the external LPC interface and the internal bus. It supports 8-bit I/O Read,
8-bit I/O Write and 8-bit DMA transactions, as defined in Intel’s
LPC Interface Specification, Revision 1.0.
The central configuration register set supports ACPI compliant PnP configuration. The configuration registers are structured as
a subset of the Plug and Play Standard registers, defined in Appendix A of the
Plug and Play ISA Specification, Revision 1.0a
by Intel and Microsoft. All system resources assigned to the functional blocks (I/O address space, DMA channels and IRQ lines)
are configured in, and managed by, the central configuration register set. In addition, some function-specific parameters are
configurable through the configuration registers and distributed to the functional blocks through special control signals.
2.2
CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is comprised of a set of banked registers which are accessed via a pair of specialized registers.
2.2.1
The Index-Data Register Pair
Access to the SuperI/O configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset, according to the state of the hardware strapping option on
the BADDR pin. Table 5 shows the selected base addresses as a function of BADDR.
Table 5. BADDR Strapping Options
The Index register is an 8-bit R/W register located at the selected base address (Base+0). It is used as a pointer to the con-
figuration register file, and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit virtual register, used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
BADDR
I/O Address
Index Register
Data Register
0
2Eh
2Fh
1
4Eh
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com