전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC87360 데이터시트(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 PC87360
상세설명  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 데이터시트(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 96Page - National Semiconductor (TI) PC87360 Datasheet HTML 97Page - National Semiconductor (TI) PC87360 Datasheet HTML 98Page - National Semiconductor (TI) PC87360 Datasheet HTML 99Page - National Semiconductor (TI) PC87360 Datasheet HTML 100Page - National Semiconductor (TI) PC87360 Datasheet HTML 101Page - National Semiconductor (TI) PC87360 Datasheet HTML 102Page - National Semiconductor (TI) PC87360 Datasheet HTML 103Page - National Semiconductor (TI) PC87360 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
100
www.national.com
Figure 10. SBGPIO Port Architecture
Basic Functionality
The basic functionality of each SBGPIO pin is based on four configuration bits and a bit slice of runtime registers SBGPDO
and SBGPDI. The configuration and operation of a single pin (pin n in port X) is shown in Figure 11.
Figure 11. SBGPIO Basic Functionality
SBGPIO Pin
SBGPIO Pin
Select Register
Configuration Register
SBGPDOX
SBGPDIX
Runtime
Registers
SBGPIOX Base Address
Event
Bit n
Port and Pin
8 SBGPIO Pin Configuration
Registers
x8
SBGPIO Port X
Pin n
x8
SBGPIOXn CNFG
x8
SBGPIOXn
Pin Logic
X = port number
n = pin number, 0 to 7
Pending
Indicator
Select
To Wake-Up
Logic
Pin
Data Out
Data In
Output
Enable
Output
Internal
Bus
Lock
Type
Static
Pull-Up
Pull-Up
Enable
SBGPIO Pin Configuration Register
Push-Pull=1
Pull-Up
Control
Read Only
Read/Write
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com