전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC87360 데이터시트(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 PC87360
상세설명  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 데이터시트(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 56Page - National Semiconductor (TI) PC87360 Datasheet HTML 57Page - National Semiconductor (TI) PC87360 Datasheet HTML 58Page - National Semiconductor (TI) PC87360 Datasheet HTML 59Page - National Semiconductor (TI) PC87360 Datasheet HTML 60Page - National Semiconductor (TI) PC87360 Datasheet HTML 61Page - National Semiconductor (TI) PC87360 Datasheet HTML 62Page - National Semiconductor (TI) PC87360 Datasheet HTML 63Page - National Semiconductor (TI) PC87360 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 168 page
background image
2.0 Device Architecture and Configuration (Continued)
60
www.national.com
2.13.2
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration
Tables 24 and 25 list the configuration registers which affect the Mouse and the Keyboard respectively. Only the last register
(F0h) is described here. See Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 24. Mouse Configuration Registers
Table 25. Keyboard Configuration Registers
Index
Mouse Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1. When the Mouse of the KBC is inactive, the
IRQ selected by the Mouse Interrupt Number and Wake-Up on IRQ Enable register
(index 70h) is not asserted. This register has no effect on host KBC commands
handling the PS/2 Mouse.
R/W
00h
70h
Mouse Interrupt Number and Wake-Up on IRQ Enable register
R/W
0Ch
71h
Mouse Interrupt Type. Bits 1,0 are read/write; other bits are read only.
R/W
02h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
Index
Keyboard Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1.
R/W
01h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
00h
61h
Base Address LSB register. Bits 2-0 are read only 000b.
R/W
60h
62h
Command Base Address MSB register. Bits 7-3 (for A15-11) are read only,
00000b.
R/W
00h
63h
Command Base Address LSB. Bits 2-0 are read only 100b.
R/W
64h
70h
KBD Interrupt Number and Wake-Up on IRQ Enable register
R/W
01h
71h
KBD Interrupt Type. Bits 1,0 are read/write; others are read only.
R/W
02h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
F0h
KBC Configuration register
R/W
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com