전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9659 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 L9659
상세설명  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 23Page - STMicroelectronics L9659 Datasheet HTML 24Page - STMicroelectronics L9659 Datasheet HTML 25Page - STMicroelectronics L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics L9659 Datasheet HTML 30Page - STMicroelectronics L9659 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
27/51
3.4.4
Squib diagnostics
Overview
The ASIC is able to perform the following diagnostics
●
Short to battery and ground on both SQHx and SQLx pins with or without a squib
●
Loop to loop diagnostics
●
Squib resistance measurement
●
Squib High resistance
●
High side safing FET diagnostics
●
VRESx voltage status
●
High and low side FET diagnostics
Below is a block diagram showing the components involved in the squib diagnostics.
Figure 9.
Squib diagnostics block diagram
Short to battery/ground and loop to loop diagnostics
The leakage diagnostic includes a short to battery, a short to ground and a short between
loop tests. The test will be run for each SQHx and SQLx pin so that shorts can be detected
regardless of the resistance between the squib pins.
Normal short to battery/ground diagnostics.
For the test the internal VRCM is switched on and connected to the selected pin (SQHx or
SQLx) pin. The IPD bit will be selected to be OFF which will deactivate the pulldown current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51