| 전자부품 데이터시트 검색엔진 |
|
L7987 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7987 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 37 page ![]() DocID025589 Rev 3 27/37 L7987 Application information 37 Figure 13. Type III compensation network The type III compensation network transfer function, from VOUT to COMP, is computed in Equation 24. Equation 24 In addition to what shown in Equation 21, two more singularities are proper of this compensation network: Equation 25 2 1 0 2 1 2 1 2 1 2 2 1 2 1 1 ) ( // ) ( ) ( P P P Z Z S U F COMPIII f s f s f s f s f s s Z R s Z s G fZ2 1 2 C s RU RS + -------------------------------------------------------; = fP2 1 2 C SRS ---------------------------- = |