전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1574 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 UM1574
상세설명  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 8Page - STMicroelectronics UM1574 Datasheet HTML 9Page - STMicroelectronics UM1574 Datasheet HTML 10Page - STMicroelectronics UM1574 Datasheet HTML 11Page - STMicroelectronics UM1574 Datasheet HTML 12Page - STMicroelectronics UM1574 Datasheet HTML 13Page - STMicroelectronics UM1574 Datasheet HTML 14Page - STMicroelectronics UM1574 Datasheet HTML 15Page - STMicroelectronics UM1574 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Hardware and layout
UM1574
12/48
Doc ID 023645 Rev 1
and provide enhanced system standby functionality with programmable local and remote
wake-up capability.
The microcontrollers of the STM8AF and STM8AL boards communicate with the
L99PM62GXP IC through the SPI interface, that allows control and diagnosis of the device.
A lot of features are offered to control low and high-side drivers using the embedded and
configurable PWM timers, window watchdog, wake-up capability. Some of their outputs are
available at external headers of the STM8AF and STM8AL boards. This device is a power
SS0-36-pin package.
Figure 5 illustrates the L99PM62GXP block diagram. For further information on the
L99PM62GXP device and to explore its numerous capabilities, please refer to datasheet
available at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48