전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1574 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 UM1574
상세설명  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 16Page - STMicroelectronics UM1574 Datasheet HTML 17Page - STMicroelectronics UM1574 Datasheet HTML 18Page - STMicroelectronics UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics UM1574 Datasheet HTML 22Page - STMicroelectronics UM1574 Datasheet HTML 23Page - STMicroelectronics UM1574 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Hardware and layout
UM1574
20/48
Doc ID 023645 Rev 1
4.2.4
STM8AF board solder bridges
Table 2.
STM8AF board solder bridges
Bridge
State(1)
Description
SB1 (Reserved)
ON
Reserved, do not modify.
SB2
(STM_RST)
OFF
NRST signal of STM32F103C8T6 (ST-LINK/V2) is not connected to GND.
ON
NRST signal of STM32F103C8T6 (ST-LINK/V2) is connected to GND.
SB3 (MCO)
OFF
MCO clock from STM32F103C8T6 is not connected to PA1 (OSC_IN) of
STM8AF5288T.
ON
MCO clock from STM32F103C8T6 is connected to PA1 (OSC_IN) of STM8AF5288T.
SB4,5
(Reserved)
OFF
Reserved, do not modify.
SB6
(L99PM62GXP
Reset)
OFF
NRESET of L99PM62GXP is not connected to the STM8AF5288T Reset pin (external
watchdog disable).
ON
NRESET of L99PM62GXP is connected to the STM8AF5288T Reset pin (external
watchdog enable).
SB7
(CAN supply)
ON
CAN transceiver is powered ON.
OFF
CAN transceiver is OFF. This selection saves power consumption.
SB8
(Start-up delay)
OFF
If the STM8AF board is connected to another STM8AF board, then one of them must
have SB8 OFF.
ON
The STM8AF board is connected to the STM8AL board (standard demo package).
SB9 (CAN
terminating
resistor)
ON
The CAN terminating 120 Ohms resistor is connected on the CAN bus.
OFF
The CAN terminating 120 Ohms resistor is not connected on the CAN bus.
SB10,11
(USB5V)
ON
USB5V is available on CN3/CN4 connectors for powering an external board through
CN3/CN4.
OFF
USB5V is not available on CN3/CN4 connectors.
SB12,13
(Reserved)
ON
Reserved, do not modify.
1.
Default SBx state is shown in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com