전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1574 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 UM1574
상세설명  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 15Page - STMicroelectronics UM1574 Datasheet HTML 16Page - STMicroelectronics UM1574 Datasheet HTML 17Page - STMicroelectronics UM1574 Datasheet HTML 18Page - STMicroelectronics UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics UM1574 Datasheet HTML 22Page - STMicroelectronics UM1574 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
19/48
4.2.2
STM8AF board LEDs
The STM8AF board includes the following LEDs:
●
LD1 COM: LD1 default status is red. LD1 turns to green to indicate that
communications are in progress between the PC and the ST-LINK/V2.
●
LD2 PWR: red LED indicates that the board is powered and that 5 V is output from
L99PM62GXP power management IC.
●
User LD3: red LED is a user LED connected to the I/O PA3 of the STM8AF5288T.
●
User LD4: green LED is a user LED connected to the I/O PD3 of the STM8AF5288T.
●
User LD5: green LED is a user LED connected to the I/O PD0 of the STM8AF5288T.
●
User LD6: green LED is a user LED connected to the I/O PE3 of the STM8AF5288T.
●
User LD7: green LED is a user LED connected to the I/O PC3 of the STM8AF5288T.
4.2.3
STM8AF board Push buttons
STM8AF board includes two push buttons:
●
USER1: User button connected to the I/O PE2 of STM8AF5288T.
●
USER2: User button connected to the I/O PE1 of STM8AF5288T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com