전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7MC1K2 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 ST7MC1K2
상세설명  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 13Page - STMicroelectronics ST7MC1K2 Datasheet HTML 14Page - STMicroelectronics ST7MC1K2 Datasheet HTML 15Page - STMicroelectronics ST7MC1K2 Datasheet HTML 16Page - STMicroelectronics ST7MC1K2 Datasheet HTML 17Page - STMicroelectronics ST7MC1K2 Datasheet HTML 18Page - STMicroelectronics ST7MC1K2 Datasheet HTML 19Page - STMicroelectronics ST7MC1K2 Datasheet HTML 20Page - STMicroelectronics ST7MC1K2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
List of figures
17/371
Figure 99.
Step ratio bits decoding and accuracy results and BEMF sampling rate . . . . . . . . . . . . . 225
Figure 100. Tachogenerator period acquisition using MTIM timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Figure 101. Encoder clock frequency measure using MTIM timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Figure 102. Hall sensor period acquisition using MTIM timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
Figure 103. Overview of MTIM timer in speed measurement mode . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Figure 104. Auto-updated prescaler functional diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Figure 105. Prescaler auto-change example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Figure 106. Current window and feedback filters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 235
Figure 107. Current feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Figure 108. Sampling clock generation block(1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
Figure 109. Channel manager block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
Figure 110. PWM application in voltage or current sensorless mode (see Table 133) . . . . . . . . . . . . 244
Figure 111. PWM application in voltage or current sensor mode (see Table 134) . . . . . . . . . . . . . . . 245
Figure 112. Deadtime waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246
Figure 113. Deadtime waveform with delay greater than the negative PWM pulse. . . . . . . . . . . . . . . 246
Figure 114. Deadtime waveform with delay greater than the positive PWM pulse . . . . . . . . . . . . . . . 246
Figure 115. Channel manager output block diagram with PWM generator delivering three PWM
signals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
Figure 116. Channel manager output block diagram with PWM generator delivering 1 PWM signal . 250
Figure 117. Complementary PWM signals with chopping frequency on high and low side drivers . . . 252
Figure 118. PWM generator block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 253
Figure 119. Counting sequence in center-aligned and edge-aligned mode . . . . . . . . . . . . . . . . . . . . 254
Figure 120. Center-aligned PWM waveforms (compare 0 register = 8). . . . . . . . . . . . . . . . . . . . . . . . 255
Figure 121. Edge-aligned PWM waveforms (compare 0 register = 8) . . . . . . . . . . . . . . . . . . . . . . . . . 256
Figure 122. Comparison between 12-bit and 8-bit PWM mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 257
Figure 123. Update rate examples depending on mode and MREP register setting . . . . . . . . . . . . . . 258
Figure 124. General view of the MTC for PM BLDC motor control . . . . . . . . . . . . . . . . . . . . . . . . . . . 289
Figure 125. General view of the MTC configured for Induction motor control (proposal) . . . . . . . . . . 290
Figure 126. Page mapping for motor control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 293
Figure 127. Normal op-amp operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 295
Figure 128. ADC block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 298
Figure 129. Pin loading conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 312
Figure 130. Pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 313
Figure 131. fCPU max versus VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 315
Figure 132. Typical IDD in RUN vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 317
Figure 133. Typical IDD in SLOW vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 318
Figure 134. Typical IDD in Wait vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 318
Figure 135. Typical IDD in Slow Wait vs fCPU. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 319
Figure 136. Typical application with an external clock source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321
Figure 137. Typical application with a crystal or ceramic resonator. . . . . . . . . . . . . . . . . . . . . . . . . . . 322
Figure 138. PLL and clock detector signal start up sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 324
Figure 139. Two typical applications with unused I/O pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330
Figure 140. Typical IPU vs. VDD with VIN =VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330
Figure 141. Typical RPU vs. VDD with VIN =VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330
Figure 142. Typical VOL at VDD = 5V (standard) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331
Figure 143. Typical VOL at VDD = 5V (high-sink) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331
Figure 144. Typical VDD -VOH at VDD = 5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 332
Figure 145. RESET pin protection when LVD is enabled(1)(2)(4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 333
Figure 146. RESET pin protection when LVD is disabled(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334
Figure 147. Two typical applications with VPP pin(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334
Figure 148. SPI slave timing diagram with CPHA = 0(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 337
Figure 149. SPI slave timing diagram with CPHA = 1(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 337
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More