전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S005C6 데이터시트(PDF) 73 Page - STMicroelectronics

부품명 STM8S005C6
상세설명  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 데이터시트(HTML) 73 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 69Page - STMicroelectronics STM8S005C6 Datasheet HTML 70Page - STMicroelectronics STM8S005C6 Datasheet HTML 71Page - STMicroelectronics STM8S005C6 Datasheet HTML 72Page - STMicroelectronics STM8S005C6 Datasheet HTML 73Page - STMicroelectronics STM8S005C6 Datasheet HTML 74Page - STMicroelectronics STM8S005C6 Datasheet HTML 75Page - STMicroelectronics STM8S005C6 Datasheet HTML 76Page - STMicroelectronics STM8S005C6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
DocID022186 Rev 4
73/97
STM8S005C6 STM8S005K6
Electrical characteristics
84
Figure 35. Typical NRST pull-up resistance vs VDD @ 3 temperatures
Figure 36. Typical NRST pull-up current vs VDD @ 3 temperatures
The reset network shown in Figure 37 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 36. Otherwise the reset is not taken into account internally. For power consumption
sensitive applications, the capacity of the external reset capacitor can be reduced to limit
charge/discharge current. If the NRST signal is used to reset the external circuitry, care
must be taken of the charge/discharge time of the external capacitor to fulfill the external
device’s reset timing conditions. The minimum recommended capacity is 10 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97