| 전자부품 데이터시트 검색엔진 |
|
STM32F302XD 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302XD 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 168 page ![]() Pinout and pin description STM32F302xD STM32F302xE 40/168 DocID026900 Rev 4 27C9 7 PC13(2) I/O TC - EVENTOUT, TIM1_CH1N WKUP2,RTC_TAMP1, RTC_TS, RTC_OUT 38C10 8 PC14 - OSC32_IN (2) I/O TC - EVENTOUT OSC32_IN 49D9 9 PC15 - OSC32_OUT (2) I/O TC - EVENTOUT OSC32_OUT - - - 10 PH0 I/O FT (1) EVENTOUT, FMC_A0 - - - - 11 PH1 I/O FT (1) EVENTOUT, FMC_A1 - - 19 E8 12 PF2 I/O TTa (1) EVENTOUT, FMC_A2 ADC12_IN10 - - - 13 PF3 I/O FT (1) EVENTOUT, FMC_A3 - - - - 14 PF4 I/O TTa (1) EVENTOUT, COMP1_OUT, FMC_A4 ADC1_IN5(3) - - - 15 PF5 I/O FT (1) EVENTOUT, FMC_A5 - - - - 16 VSS S - (1) -- -- - 17 VDD S - (1) -- - 73 C1 18 PF6 I/O FTf (1) EVENTOUT, TIM4_CH4, I2C2_SCL, USART3_RTS, FMC_NIORD - - - - 19 PF7 I/O FT (1) EVENTOUT, FMC_NREG - - - - 20 PF8 I/O FT (1) EVENTOUT, FMC_NIOWR - - 10 D10 21 PF9 I/O FT (1) EVENTOUT, TIM15_CH1, SPI2_SCK, FMC_CD - - 11 E10 22 PF10 I/O FT (1) EVENTOUT, TIM15_CH2, SPI2_SCK, FMC_INTR - 5 12 F10 23 PF0-OSC_IN I FTf - EVENTOUT, I2C2_SDA, SPI2_NSS/I2S2_WS, TIM1_CH3N OSC_IN 613 F9 24 PF1- OSC_OUT OFTf - EVENTOUT, I2C2_SCL, SPI2_SCK/I2S2_CK OSC_OUT 7 14 E9 25 NRST I-O RST - Device reset input/internal reset output (active low) 8 15 G10 26 PC0 I/O TTa - EVENTOUT, TIM1_CH1 ADC12_IN6 Table 13. STM32F302xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |