| 전자부품 데이터시트 검색엔진 |
|
STM32L443CC 데이터시트(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC 데이터시트(HTML) 89 Page - STMicroelectronics |
|
89 / 207 page ![]() DocID028739 Rev 2 89/207 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 177 6.3.4 Embedded voltage reference The parameters given in Table 23 are derived from tests performed under the ambient temperature and supply voltage conditions summarized in Table 20: General operating conditions. Table 23. Embedded internal voltage reference Symbol Parameter Conditions Min Typ Max Unit VREFINT Internal reference voltage –40 °C < TA < +130 °C 1.182 1.212 1.232 V tS_vrefint (1) ADC sampling time when reading the internal reference voltage -4(2) -- µs tstart_vrefint Start time of reference voltage buffer when ADC is enable -- 8 12(2) µs IDD(VREFINTBUF) VREFINT buffer consumption from VDD when converted by ADC - - 12.5 20(2) µA ∆VREFINT Internal reference voltage spread over the temperature range VDD = 3 V - 5 7.5(2) mV TCoeff Temperature coefficient –40°C < TA < +130°C - 30 50(2) ppm/°C ACoeff Long term stability 1000 hours, T = 25°C - - TBD(2) ppm VDDCoeff Voltage coefficient 3.0 V < VDD < 3.6 V - 250 1200(2) ppm/V VREFINT_DIV1 1/4 reference voltage - 24 25 26 % VREFINT VREFINT_DIV2 1/2 reference voltage 49 50 51 VREFINT_DIV3 3/4 reference voltage 74 75 76 1. The shortest sampling time can be determined in the application by multiple iterations. 2. Guaranteed by design. |