| 전자부품 데이터시트 검색엔진 |
|
STM32L443CC 데이터시트(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC 데이터시트(HTML) 96 Page - STMicroelectronics |
|
96 / 207 page ![]() Electrical characteristics STM32L443CC STM32L443RC STM32L443VC 96/207 DocID028739 Rev 2 Table 28. Typical current consumption in Run and Low-power run modes, with different codes running from Flash, ART disable Symbol Parameter Conditions TYP Unit TYP Unit - Voltage scaling Code 25 °C 25 °C IDD(Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disable Reduced code(1) 2.66 mA 102 µA/MHz Coremark 2.44 94 Dhrystone 2.1 2.46 95 Fibonacci 2.27 87 While(1) 2.20 84.6 Reduced code(1) 8.56 mA 107 µA/MHz Coremark 8.00 100 Dhrystone 2.1 7.98 100 Fibonacci 7.41 93 While(1) 7.83 98 IDD(LPRun) Supply current in Low-power run fHCLK = fMSI = 2 MHz all peripherals disable Reduced code(1) 310 µA 155 µA/MHz Coremark 342 171 Dhrystone 2.1 324 162 Fibonacci 324 162 While(1) 384 192 1. Reduced code used for characterization results provided in Table 24, Table 25, Table 26. Table 29. Typical current consumption in Run and Low-power run modes, with different codes running from SRAM1 Symbol Parameter Conditions TYP Unit TYP Unit - Voltage scaling Code 25 °C 25 °C IDD(Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disable Reduced code(1) 2.42 mA 93 µA/MHz Coremark 2.18 84 Dhrystone 2.1 2.40 92 Fibonacci 2.40 92 While(1) 2.29 88 Reduced code(1) 8.63 mA 108 µA/MHz Coremark 7.76 97 Dhrystone 2.1 8.55 107 Fibonacci 8.56 107 While(1) 8.12 102 IDD(LPRun) Supply current in Low-power run fHCLK = fMSI = 2 MHz all peripherals disable Reduced code(1) 205 µA 103 µA/MHz Coremark 188 94 Dhrystone 2.1 222 111 Fibonacci 204 102 While(1) 211 106 1. Reduced code used for characterization results provided in Table 24, Table 25, Table 26. |