| 전자부품 데이터시트 검색엔진 |
|
STM32L443CC 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 207 page ![]() Table 31. Current consumption in Low-power sleep modes, Flash in power-down Symbol Parameter Conditions TYP MAX(1) Unit - Voltage scaling fHCLK 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C IDD(LPSleep ) Supply current in low-power sleep mode fHCLK = fMSI all peripherals disable 2 MHz 58.7 70.7 103.2 153.7 248.5 80 113 180 330 641 µA 1 MHz 39.4 47.2 79.3 129.6 224.8 53 86 154 304 616 400 kHz 20.8 30.8 62.1 112.5 207.8 35 67 137 286 597 100 kHz 14.3 23.1 55.1 105.7 201.5 27 58 130 279 590 1. Guaranteed by characterization results, unless otherwise specified. Table 32. Current consumption in Stop 2 mode Symbol Parameter Conditions TYP MAX(1) Unit -VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C IDD(Stop 2) Supply current in Stop 2 mode, RTC disabled LCD disabled 1.8 V 1 2.54 8.74 19.8 43.4 2.0 5.6 21.1 50.8 116.0 µA 2.4 V 1.02 2.59 8.89 20.2 44.3 2.1 5.8 21.6 52.3 119.6 3 V 1.06 2.67 9.11 20.7 45.5 2.1 5.9 22.2 53.7 123.2 3.6 V 1.23 2.88 9.56 21.6 47.3 2.3 6.1 23.0 55.8 127.9 LCD enabled(2) clocked by LSI 1.8 V 1.31 2.87 9.03 20 43.1 2.6 6.3 21.9 51.8 117.5 2.4 V 1.36 2.96 9.22 20.4 44.1 2.8 6.5 22.5 53.3 121.1 3 V 1.45 3.08 9.24 20.4 45.5 2.9 6.8 23.2 54.9 124.8 3.6 V 1.69 3.4 10.1 22.1 47.9 3.1 7.1 24.2 57.1 129.6 |