전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321MPL1 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 STA321MPL1
상세설명  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 44Page - STMicroelectronics STA321MPL1 Datasheet HTML 45Page - STMicroelectronics STA321MPL1 Datasheet HTML 46Page - STMicroelectronics STA321MPL1 Datasheet HTML 47Page - STMicroelectronics STA321MPL1 Datasheet HTML 48Page - STMicroelectronics STA321MPL1 Datasheet HTML 49Page - STMicroelectronics STA321MPL1 Datasheet HTML 50Page - STMicroelectronics STA321MPL1 Datasheet HTML 51Page - STMicroelectronics STA321MPL1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
Registers
STA321MPL1
48/80
DocID029389 Rev 1
5.2.52
Channel 7 and 8 output timing (0x36)
The centering of the individual channel PWM output periods can be adjusted by the output
timing registers. The PWM slot settings can be chosen to ensure that pulse transitions do
not occur at the same time on different channels using the same power device. There are 8
possible settings, the appropriate setting varies based on the application and connections to
the FFX power devices.
5.2.53
Coefficient address register 1 (0x3B)
5.2.54
Coefficient address register 2 (0x3C)
5.2.55
Coefficient b1 data register, bits 23:16 (0x3D)
D7
D6
D5
D4
D3
D2
D1
D0
C8OT2
C8OT1
C8OT0
C7OT2
C7OT1
C7OT0
11
1
0
11
CnOT[2:0]
PWM slot
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
D7
D6
D5
D4
D3
D2
D1
D0
CFA9
CFA8
00
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80