전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSL05-024SC6 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 DSL05-024SC6
상세설명  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05-024SC6 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button DSL05-024SC6 Datasheet HTML 2Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 3Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 4Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 5Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 6Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 7Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 8Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 9Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
DSL05
6/10
DocID029116 Rev 2
Figure 11: Footprint recommendations,
dimensions in mm (inches)
Figure 12: Marking layout (refer to ordering
information table for marking)
Figure 13: Package orientation in reel
Figure 14: Tape and reel orientation
Figure 15: Reel dimensions (mm)
Figure 16: Inner box dimensions (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10