전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSL05-024SC6 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 DSL05-024SC6
상세설명  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05-024SC6 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button DSL05-024SC6 Datasheet HTML 2Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 3Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 4Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 5Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 6Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 7Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 8Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 9Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DSL05
Package information
DocID029116 Rev 2
7/10
Figure 17: Tape and reel outline
Table 5: Tape and reel mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
P1
3.9
4
4.1
P0
3.9
4
4.1
D0
1.45
1.5
1.6
D1
1
F
3.45
3.5
3.55
K0
1.3
1.4
1.6
P2
1.95
2
2.05
W
7.9
8
8.3



Html Pages

1 2 3 4 5 6 7 8 9 10