전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSL05-024SC6 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 DSL05-024SC6
상세설명  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05-024SC6 데이터시트(HTML) 5 Page - STMicroelectronics

  DSL05-024SC6 Datasheet HTML 1Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 2Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 3Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 4Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 5Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 6Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 7Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 8Page - STMicroelectronics DSL05-024SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DSL05
Package information
DocID029116 Rev 2
5/10
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL 94,V0
Lead-free package
3.1
SOT23-6L package information
Figure 10: SOT23-6L package outline
Table 4: SOT23-6L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.9
1.45
0.0354
0.0571
A1
0
0.15
0
0.0059
A2
0.9
1.3
0.0354
0.0512
b
0.30
0.5
0.0118
0.0197
c
0.09
0.2
0.0035
0.0079
D
2.8
3.05
0.1102
0.1201
E
1.5
1.75
0.0591
0.0689
e
0.95
0.0374
H
2.6
3
0.1024
0.1181
L
0.3
0.6
0.0118
0.0236
θ
0
10
0
0.3937



Html Pages

1 2 3 4 5 6 7 8 9 10