전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPC635 데이터시트(PDF) 14 Page - Espros Photonics corp

부품명 EPC635
상세설명  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPC [Espros Photonics corp]
홈페이지  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 데이터시트(HTML) 14 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 10Page - Espros Photonics corp EPC635 Datasheet HTML 11Page - Espros Photonics corp EPC635 Datasheet HTML 12Page - Espros Photonics corp EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp EPC635 Datasheet HTML 16Page - Espros Photonics corp EPC635 Datasheet HTML 17Page - Espros Photonics corp EPC635 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
3.2. Pin1 marking
The following pictures shows the epc635 chip from the bottom side with view to the solder balls. Please note the location of pin 1.
epc635 chip from the solder ball side
Top right corner from the solder ball side
Figure 9: Pin 1 marking
3.3. Location of the photosensitive area
The photosensitive area is not marked (neither on the front nor on the backside of the IC). As a visible reference, a metal ring of the IC can
be used. From the solder ball side it is visible. Also from the front side (photosensitive area) it can be seen with a camera which is sensitive
in the near infrared wavelength domain (950 .. 1'150nm).
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
14 / 97
Datasheet_epc635-V1.02
www.espros.com
Pin 1
Orientation mark
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97