전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F101CF 데이터시트(PDF) 57 Page - Renesas Technology Corp

부품명 R5F101CF
상세설명  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF 데이터시트(HTML) 57 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 53Page - Renesas Technology Corp R5F101CF Datasheet HTML 54Page - Renesas Technology Corp R5F101CF Datasheet HTML 55Page - Renesas Technology Corp R5F101CF Datasheet HTML 56Page - Renesas Technology Corp R5F101CF Datasheet HTML 57Page - Renesas Technology Corp R5F101CF Datasheet HTML 58Page - Renesas Technology Corp R5F101CF Datasheet HTML 59Page - Renesas Technology Corp R5F101CF Datasheet HTML 60Page - Renesas Technology Corp R5F101CF Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 57 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.2 Oscillator Characteristics
2.2.1 X1, XT1 oscillator characteristics
(TA =
40 to +85C, 1.6 V  VDD  5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
 VDD  5.5 V
1.0
20.0
MHz
2.4 V
 VDD  2.7 V
1.0
16.0
MHz
1.8 V
 VDD  2.4 V
1.0
8.0
MHz
X1 clock oscillation
frequency (fX)
Note
Ceramic resonator/
crystal resonator
1.6 V
 VDD  1.8 V
1.0
4.0
MHz
XT1 clock oscillation
frequency (fX)
Note
Crystal resonator
32
32.768
35
kHz
Note Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution
time. Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the
oscillator characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check
the X1 clock oscillation stabilization time using the oscillation stabilization time counter status
register (OSTC) by the user. Determine the oscillation stabilization time of the OSTC register and
the oscillation stabilization time select register (OSTS) after sufficiently evaluating the oscillation
stabilization time with the resonator to be used.
Remark
When using the X1 oscillator and XT1 oscillator, refer to 5.4 System Clock Oscillator.
2.2.2 On-chip oscillator characteristics
(TA =
40 to +85C, 1.6 V  VDD  5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency
Notes 1, 2
fIH
1
32
MHz
1.8 V
 VDD  5.5 V
1.0
+1.0
%
20 to +85 C
1.6 V
 VDD < 1.8 V
5.0
+5.0
%
1.8 V
 VDD  5.5 V
1.5
+1.5
%
High-speed on-chip oscillator
clock frequency accuracy
40 to 20 C
1.6 V
 VDD < 1.8 V
5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
15
+15
%
Notes 1. High-speed on-chip oscillator frequency is selected by bits 0 to 3 of option byte (000C2H/010C2H) and
bits 0 to 2 of HOCODIV register.
2. This indicates the oscillator characteristics only. Refer to AC Characteristics for instruction execution
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com