전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F101CF 데이터시트(PDF) 70 Page - Renesas Technology Corp

부품명 R5F101CF
상세설명  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF 데이터시트(HTML) 70 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 66Page - Renesas Technology Corp R5F101CF Datasheet HTML 67Page - Renesas Technology Corp R5F101CF Datasheet HTML 68Page - Renesas Technology Corp R5F101CF Datasheet HTML 69Page - Renesas Technology Corp R5F101CF Datasheet HTML 70Page - Renesas Technology Corp R5F101CF Datasheet HTML 71Page - Renesas Technology Corp R5F101CF Datasheet HTML 72Page - Renesas Technology Corp R5F101CF Datasheet HTML 73Page - Renesas Technology Corp R5F101CF Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 70 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
Notes 1. Total current flowing into VDD, EVDD0, and EVDD1, including the input leakage current flowing when the
level of the input pin is fixed to VDD, EVDD0, and EVDD1, or VSS, EVSS0, and EVSS1. The values below the
MAX. column include the peripheral operation current . However, not including the current flowing into
the A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down resistors and the current flowing
during data flash rewrite.
2. During HALT instruction execution by flash memory.
3. When high-speed on-chip oscillator and subsystem clock are stopped.
4. When high-speed system clock and subsystem clock are stopped.
5. When high-speed on-chip oscillator and high-speed system clock are stopped. When RTCLPC = 1 and
setting ultra-low current consumption (AMPHS1 = 1). The current flowing into the RTC is included.
However, not including the current flowing into the 12-bit interval timer and watchdog timer.
6. Not including the current flowing into the RTC, 12-bit interval timer, and watchdog timer.
7. Relationship between operation voltage width, operation frequency of CPU and operation mode is as
below.
HS (high-speed main) mode: 2.7 V
 VDD  5.5 V@1 MHz to 32 MHz
2.4 V
 VDD  5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
1.8 V
 VDD  5.5 V@1 MHz to 8 MHz
LV (low-voltage main) mode: 1.6 V
 VDD  5.5 V@1 MHz to 4 MHz
8. Regarding the value for current to operate the subsystem clock in STOP mode, refer to that in HALT
mode.
Remarks 1. fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system
clock frequency)
2. fIH:
High-speed on-chip oscillator clock frequency
3. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
4. Except subsystem clock operation and STOP mode, temperature condition of the TYP. value is TA =
25
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com