전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F101CF 데이터시트(PDF) 92 Page - Renesas Technology Corp

부품명 R5F101CF
상세설명  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF 데이터시트(HTML) 92 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 88Page - Renesas Technology Corp R5F101CF Datasheet HTML 89Page - Renesas Technology Corp R5F101CF Datasheet HTML 90Page - Renesas Technology Corp R5F101CF Datasheet HTML 91Page - Renesas Technology Corp R5F101CF Datasheet HTML 92Page - Renesas Technology Corp R5F101CF Datasheet HTML 93Page - Renesas Technology Corp R5F101CF Datasheet HTML 94Page - Renesas Technology Corp R5F101CF Datasheet HTML 95Page - Renesas Technology Corp R5F101CF Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 92 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(6) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
(TA =
40 to +85C, 1.8 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-
speed main)
Mode
LS (low-
speed main)
Mode
LV (low-
voltage
main) Mode
Parameter
Symbol
Conditions
MIN. MAX. MIN. MAX. MIN. MAX.
Unit
Note
1
Note
1
Note
1
bps
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
1.4 k
, Vb = 2.7
V
2.8
Note 2
2.8
Note 2
2.8
Note 2
Mbps
Note
3
Note
3
Note
3
bps
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
2.7 k
, Vb = 2.3
V
1.2
Note 4
1.2
Note 4
1.2
Note 4
Mbps
Notes
5, 6
Notes
5, 6
Notes
5, 6
bps
Transfer rate
Transmission
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
5.5 k
, Vb = 1.6
V
0.43
Note 7
0.43
Note 7
0.43
Note 7
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
 EVDD0  5.5 V and 2.7 V  Vb  4.0 V
1
Maximum transfer rate =
[bps]
{
Cb × Rb × ln (1 
2.2
Vb )} × 3
1
Transfer rate
 2  {C
b
× Rb × ln (1
2.2
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
This value as an example is calculated when the conditions described in the “Conditions” column are
met. Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com