전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L0X 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 VL53L0X
상세설명  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 30Page - STMicroelectronics VL53L0X Datasheet HTML 31Page - STMicroelectronics VL53L0X Datasheet HTML 32Page - STMicroelectronics VL53L0X Datasheet HTML 33Page - STMicroelectronics VL53L0X Datasheet HTML 34Page - STMicroelectronics VL53L0X Datasheet HTML 35Page - STMicroelectronics VL53L0X Datasheet HTML 36Page - STMicroelectronics VL53L0X Datasheet HTML 37Page - STMicroelectronics VL53L0X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Packaging and labeling
VL53L0X
34/40
DocID029104 Rev 1
8.3.1
Tape outline drawings
Figure 27. Tape outline drawing
8.4
Pb-free solder reflow process
Figure 28 and Table 15 shows the recommended and maximum values for the solder
profile.
Customers will have to tune the reflow profile depending on the PCB, solder paste and
material used.
We expect customers to follow the “recommended” reflow profile, which is specifically tuned
for VL53L0X package.
For any reason if a customer must perform a reflow profile which is different from
“recommended” one (especially peak >240°C), this new profile must be qualified by the
customer at its own risk. In any case, the profile have to be within the “maximum” profile limit
described in Table 15.
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40