전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GBPC3512 데이터시트(PDF) 3 Page - International Rectifier

부품명 GBPC3512
상세설명  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

GBPC3512 데이터시트(HTML) 3 Page - International Rectifier

  GBPC3512 Datasheet HTML 1Page - International Rectifier GBPC3512 Datasheet HTML 2Page - International Rectifier GBPC3512 Datasheet HTML 3Page - International Rectifier GBPC3512 Datasheet HTML 4Page - International Rectifier GBPC3512 Datasheet HTML 5Page - International Rectifier GBPC3512 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GBPC.. Series
3
Bulletin I27505 rev. E 02/01
www.irf.com
T
J
Junction temperature range
-55 to 150
o
C
T
stg Storage temperature range
-55 to 150
o
C
R
thJC Max. thermal resistance junct. to case
1.7
1.4
K/W
Per leg
R
thCSMax. thermal resist., case to heatsink
0.2
K/W
Mounting surface , smooth, flat and greased
wt
Approximate weight
16
g
T
Mounting Torque
± 10%
2.0
N m
Bridge to heatsink
Parameters
GBPC25
GBPC35
Units Conditions
25 = 25A (Avg)
35 = 35A (Avg)
1
-
Circuit configuration:
Single phase bridge coding
2
-
Current rating code:
3
-
Voltage Code: code x 100 = V
RRM
4
-
Diode bridge rectifier:
A
=
Standard Fasten Terminal
W
=
Wire Lead
GBPC
35
12
A
1
2
3
4
Thermal and Mechanical Specifications
Ordering Information Table
Device Code
Outline Table
All dimensions are in millimeters
GBPC...A
GBPC...W



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com