전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GBPC3512 데이터시트(PDF) 2 Page - International Rectifier

부품명 GBPC3512
상세설명  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

GBPC3512 데이터시트(HTML) 2 Page - International Rectifier

  GBPC3512 Datasheet HTML 1Page - International Rectifier GBPC3512 Datasheet HTML 2Page - International Rectifier GBPC3512 Datasheet HTML 3Page - International Rectifier GBPC3512 Datasheet HTML 4Page - International Rectifier GBPC3512 Datasheet HTML 5Page - International Rectifier GBPC3512 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GBPC.. Series
2
Bulletin I27505 rev. E 02/01
www.irf.com
I
O
Maximum DC output current
25
35
A
Resistive or inductive load
20
28
A
Capacitive load
@ Case temperature
60
55
°C
I
FSM
Maximum peak, one-cycle
400
475
A
t = 10ms
No voltage
Initial T
J =TJmax.
non-repetitive forward current
420
500
t = 8.3ms reapplied
335
400
t = 10ms
100% V
RRM
350
420
t = 8.3ms reapplied
I2t
Maximum I2t for fusing
790
1130
A2s
t = 10ms
No voltage
725
1030
t = 8.3ms reapplied
560
800
t = 10ms
100% V
RRM
512
730
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
7.9
11.3
KA2
√sI2t for time t
x = I
2
√t x √t
x ;
0.1
≤ tx ≤ 10ms, VRRM = 0V
VF(TO)1 Low-level of threshold voltage
0.76
0.77
V
(16.7% x
π x I
F(AV) < I < π x IF(AV)), @ TJ max.
V
F(TO)2
High-level of threshold voltage
0.89
0.92
(I >
π x IF(AV)), @ T
J max.
r
t1
Low-level forward slope resistance
8.2
4.852
m
(16.7% x
π x I
F(AV) < I < π x IF(AV)), @ TJ max.
r
t2
High-level forward slope resistance
6.8
3.867
(I >
π x IF(AV)), @ T
J max.
V
FM
Maximum forward voltage drop
1.1
1.1
V
T
J = 25
o
C, I
FM = IFavg (arm)
IRRM
Max. DC reverse current
5.0
5.0
µAT
J = 25
o
C, per diode at VRRM
VINS
RMS isolation voltage base plate
2700
2700
V
f = 50 Hz, t = 1s
Forward Conduction
Voltage
V
RRM , max repetitive
V
RSM , max non-repetitive
I
RRMmax.
I
RRMmax.
Type number
Code
peak AC rev. voltage
peak AC rev. voltage
@ rated V
RRM
D.C. rev. curr.
T
J = TJ max.
T
J = TJ max.
T
J = TJ max.
@ T= 125°C
V
V
mA
(µA)
02
200
275
2
500
GBPC25/35..A
04
400
500
2
500
GBPC25/35..W
06
600
725
2
500
(*)
08
800
900
2
500
10
1000
1100
2
500
12
1200
1300
2
500
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
GBPC25
GBPC35
Units Conditions
(*) please see Ordering Information Table - page 3



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com