전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GBPC3512 데이터시트(PDF) 5 Page - International Rectifier

부품명 GBPC3512
상세설명  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

GBPC3512 데이터시트(HTML) 5 Page - International Rectifier

  GBPC3512 Datasheet HTML 1Page - International Rectifier GBPC3512 Datasheet HTML 2Page - International Rectifier GBPC3512 Datasheet HTML 3Page - International Rectifier GBPC3512 Datasheet HTML 4Page - International Rectifier GBPC3512 Datasheet HTML 5Page - International Rectifier GBPC3512 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GBPC.. Series
5
Bulletin I27505 rev. E 02/01
www.irf.com
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
100
150
200
250
300
350
400
450
1
10
100
GBPC35.. Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
GBPC35.. Series
Versus Pulse Train Duration.
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
1
10
100
1000
0.5
1
1.5
2
2.5
3
T = 25˚C
J
GBPC35.. Series
T = 150˚C
J
40
50
60
70
80
90
100
110
120
130
140
150
0
10203040
180˚
(Sine)
180˚
(Rect)
GBPC35.. Series
Number of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
25
50
75
100
1 K/W
0.7 K/W
3 K/W
2 K/W
R thSA
= 0.5
K/W
- Delta
R
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
180˚
(Sine)
180˚
(Rect)
GBPC35.. Series
T
= 150˚C
J



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com