| 전자부품 데이터시트 검색엔진 |
|
CC3220MODASM2MONR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3220MODASM2MONR 데이터시트(HTML) 6 Page - Texas Instruments |
|
6 / 100 page ![]() CC32xx ± Single-Chip Wireless MCU ARM Cortex-M4 80 MHz 1-MB Flash (optional) 256-KB RAM ROM 1x SPI 2x UART 1 I 2C 1x I2S/PCM 1x SD/MMC 8-bit Camera 4x ADC DMA Timers GPIOs Network Processor Application Protocols RAM ROM Wi-Fi Driver TCP/IP Stack (ARM Cortex) Power Management Oscillators DC-DC RTC Synthesizer Copyright © 2017, Texas Instruments Incorporated 6 CC3220MOD, CC3220MODA SWRS206B – MARCH 2017 – REVISED AUGUST 2017 www.ti.com Submit Documentation Feedback Product Folder Links: CC3220MOD CC3220MODA Module Overview Copyright © 2017, Texas Instruments Incorporated Figure 1-3 shows the an overview of the CC3220x hardware. Figure 1-3. CC3220x Hardware Overview |