전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM505LRBABF 데이터시트(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
부품명 DM505LRBABF
상세설명  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF 데이터시트(HTML) 56 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 52Page - Texas Instruments DM505LRBABF Datasheet HTML 53Page - Texas Instruments DM505LRBABF Datasheet HTML 54Page - Texas Instruments DM505LRBABF Datasheet HTML 55Page - Texas Instruments DM505LRBABF Datasheet HTML 56Page - Texas Instruments DM505LRBABF Datasheet HTML 57Page - Texas Instruments DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments DM505LRBABF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 290 page
background image
56
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-18. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii1_txctl
RGMII1 Transmit Enable
O
D12
rgmii1_txd0
RGMII1 Transmit Data
O
B10
rgmii1_txd1
RGMII1 Transmit Data
O
A10
rgmii1_txd2
RGMII1 Transmit Data
O
F12
rgmii1_txd3
RGMII1 Transmit Data
O
E12
mdio_d
Management Data
IO
B17
mdio_mclk
Management Data Serial Clock
O
B19
4.3.18 SDIO Controller
NOTE
For more information, see the SDIO Controller section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-76.
Table 4-19. SDIO Controller Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc_clk
MMC1 clock
IO
B18, C16, W16
mmc_cmd
MMC1 command
IO
C17, C18, V16
mmc_dat0
MMC1 data bit 0
IO
A19, E16, U15
mmc_dat1
MMC1 data bit 1
IO
B20, D16, V15
mmc_dat2
MMC1 data bit 2
IO
C20, E17, Y15
mmc_dat3
MMC1 data bit 3
IO
A20, F17, W15
4.3.19 GPIO
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-77.
Table 4-20. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
gpio1_0
General-Purpose Input/Output
IO
C12
gpio1_1
General-Purpose Input/Output
IO
D12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com