전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM505LRBABF 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 DM505LRBABF
상세설명  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF 데이터시트(HTML) 14 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 10Page - Texas Instruments DM505LRBABF Datasheet HTML 11Page - Texas Instruments DM505LRBABF Datasheet HTML 12Page - Texas Instruments DM505LRBABF Datasheet HTML 13Page - Texas Instruments DM505LRBABF Datasheet HTML 14Page - Texas Instruments DM505LRBABF Datasheet HTML 15Page - Texas Instruments DM505LRBABF Datasheet HTML 16Page - Texas Instruments DM505LRBABF Datasheet HTML 17Page - Texas Instruments DM505LRBABF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
14
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
AA3
ddr1_d16
ddr1_d16
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AA2
ddr1_d17
ddr1_d17
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y3
ddr1_d18
ddr1_d18
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
V2
ddr1_d19
ddr1_d19
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
U3
ddr1_d20
ddr1_d20
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
V3
ddr1_d21
ddr1_d21
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y2
ddr1_d22
ddr1_d22
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y1
ddr1_d23
ddr1_d23
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
U21
ddr1_d24
ddr1_d24
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
T20
ddr1_d25
ddr1_d25
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
R21
ddr1_d26
ddr1_d26
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
U20
ddr1_d27
ddr1_d27
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
R22
ddr1_d28
ddr1_d28
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
V20
ddr1_d29
ddr1_d29
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
W22
ddr1_d30
ddr1_d30
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
U22
ddr1_d31
ddr1_d31
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
AB8
ddr1_dqm0
ddr1_dqm0
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y18
ddr1_dqm1
ddr1_dqm1
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
AB3
ddr1_dqm2
ddr1_dqm2
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
W21
ddr1_dqm3
ddr1_dqm3
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
AA5
ddr1_dqs0
ddr1_dqs0
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AA20
ddr1_dqs1
ddr1_dqs1
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr3
NA
LVCMOS
DDR
PUx/PDy
W1
ddr1_dqs2
ddr1_dqs2
0
IO
PD
PD
0
1.35/1.5/1.8
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More