| 전자부품 데이터시트 검색엔진 |
|
WM8978 데이터시트(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8978 데이터시트(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 78 page ![]() Product Preview WM8978 w PP Rev 1.7 January 2005 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8978GEFL/V -25 °C to +85°C 32-pin QFN (5 x 5 mm) (lead free) MSL3 260 oC WM8978GEFL/RV -25 °C to +85°C 32-pin QFN (5 x 5 mm) (lead free, tape and reel) MSL3 260 oC Note: Reel quantity = 3,500 |