| 전자부품 데이터시트 검색엔진 |
|
74LVC2G86DC 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G86DC 데이터시트(HTML) 4 Page - NXP Semiconductors |
|
4 / 15 page ![]() 9397 750 14506 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 7 February 2005 4 of 15 Philips Semiconductors 74LVC2G86 Dual 2-input exclusive-OR gate 7.2 Pin description 8. Functional description 8.1 Function table [1] H = HIGH voltage level; L = LOW voltage level. Table 4: Pin description Symbol Pin Description 1A 1 1 data input A 1B 2 1 data input B 2Y 3 2 data output Y GND 4 ground (0 V) 2A 5 2 data input A 2B 6 2 data input B 1Y 7 1data output Y VCC 8 supply voltage Table 5: Function table [1] Input Output nA nB nY LLL LH H HL H HHL |