전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G86DC 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LVC2G86DC
상세설명  Dual 2-input exclusive-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G86DC 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G86DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
9397 750 14506
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 7 February 2005
7 of 15
Philips Semiconductors
74LVC2G86
Dual 2-input exclusive-OR gate
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
12. Dynamic characteristics
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
VOH
HIGH-level output voltage VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
ILI
input leakage current
VI = 5.5 V or GND; VCC = 5.5 V
-
-
±20
µA
Ioff
power-off leakage current VI or VO = 5.5 V; VCC = 0 V
-
-
±20
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
--
40
µA
∆ICC
additional quiescent
supply current per pin
VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
-
-
5000
µA
Table 8:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9:
Dynamic characteristics
GND = 0 V; for test circuit see Figure 7.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL,
tPLH
propagation delay inputs nA, nB
to outputs nY
see Figure 6
VCC = 1.65 V to 1.95 V
1.4
3.8
9.9
ns
VCC = 2.3 V to 2.7 V
0.8
2.5
5.7
ns
VCC = 2.7 V
0.8
3.0
5.7
ns
VCC = 3.0 V to 3.6 V
0.8
2.3
4.7
ns
VCC = 4.5 V to 5.5 V
0.6
1.9
3.6
ns
CPD
power dissipation capacitance
per gate
VCC = 3.3 V
[2] [3] -
15.8
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15