| 전자부품 데이터시트 검색엔진 |
|
74LVC2G86DC 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G86DC 데이터시트(HTML) 2 Page - NXP Semiconductors |
|
2 / 15 page ![]() 9397 750 14506 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 7 February 2005 2 of 15 Philips Semiconductors 74LVC2G86 Dual 2-input exclusive-OR gate 3. Quick reference data [1] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = number of switching inputs; ∑(C L × VCC 2 × f o) = sum of outputs. [2] The condition is VI = GND to VCC. 4. Ordering information 5. Marking Table 1: Quick reference data GND = 0 V; Tamb =25 °C. Symbol Parameter Conditions Min Typ Max Unit tPHL, tPLH propagation delay inputs nA, nB to outputs nY VCC = 1.8 V; CL = 30 pF; RL =1kΩ - 3.8 - ns VCC = 2.5 V; CL = 30 pF; RL = 500 Ω - 2.5 - ns VCC = 2.7 V; CL = 50 pF; RL = 500 Ω - 3.0 - ns VCC = 3.3 V; CL = 50 pF; RL = 500 Ω - 2.3 - ns VCC = 5.0 V; CL = 50 pF; RL = 500 Ω - 1.9 - ns CI input capacitance - 2.5 - pF CPD power dissipation capacitance per gate VCC = 3.3 V [1] [2] - 15.8 - pF Table 2: Ordering information Type number Package Temperature range Name Description Version 74LVC2G86DP −40 °C to +125 °C TSSOP8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm SOT505-2 74LVC2G86DC −40 °C to +125 °C VSSOP8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 74LVC2G86GT −40 °C to +125 °C XSON8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 × 1.95 × 0.5 mm SOT833-1 Table 3: Marking Type number Marking code 74LVC2G86DP V86 74LVC2G86DC V86 74LVC2G86GT V86 |