전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN91C100FD 데이터시트(PDF) 64 Page - SMSC Corporation

부품명 LAN91C100FD
상세설명  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD 데이터시트(HTML) 64 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 64
Rev. 05/31/2000
FIGURE 24 - SRAM INTERFACE
PARAMETER
MIN
TYP
MAX
UNITS
t34
Write – RA2-RA16 Setup to nRWE0-nRWE3 Falling
0
ns
t35
Write – RA2-RA16 Hold after nRWE0-nRWE3 Rising
0
ns
t36
Write – RD0-RD31 Setup to nRWE0-nRWE3 Rising
12
ns
t37
Write – RD0-RD31 Hold after nRWE0-nRWE3 Rising
0
ns
t39
Write – nRWE0-nRWE3 Pulse Width
15
ns
t38
Read – RA2-RA16 Valid to RD0-RD31 Valid
25
ns
t51
Read – RD0-RD31 Hold after RA2-RA16 Change
12
ns
t37
t36
t39
t39
t51
t38
t35
t34
READ CYCLE
WRITE CYCLE
RA2-RA16
nRWE0-nRWE3
nROE
RD0-RD31
t38
t51
t38
t51
t38
t51
t38
MULTIPLE READ CYCLES
RA2-RA16
nRWE0-nRWE3
nROE
RD0-RD31
t37
t36
t39
t39
t35
t34
t51
t38
READ CYCLE
WRITE CYCLE
RA2-RA16
nRWE0-nRWE3
nROE
RD0-RD31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68