전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC8841 데이터시트(PDF) 1 Page - E-CMOS Corporation

부품명 EC8841
상세설명  50mA Ultra-Low Quiescent Current LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8841 데이터시트(HTML) 1 Page - E-CMOS Corporation

  EC8841 Datasheet HTML 1Page - E-CMOS Corporation EC8841 Datasheet HTML 2Page - E-CMOS Corporation EC8841 Datasheet HTML 3Page - E-CMOS Corporation EC8841 Datasheet HTML 4Page - E-CMOS Corporation EC8841 Datasheet HTML 5Page - E-CMOS Corporation EC8841 Datasheet HTML 6Page - E-CMOS Corporation EC8841 Datasheet HTML 7Page - E-CMOS Corporation EC8841 Datasheet HTML 8Page - E-CMOS Corporation EC8841 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EC8841
50mA Ultra-Low Quiescent Current LDO
Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 12
3I03N Rev. P001
Description
The EC8841 series is a positive voltage regulator
with high accuracy output voltage and ultra-low
quiescent current which is typically 1.0
μA. The
device is ideal for battery powered handheld
equipments which require low quiescent current.
The EC8841 contains a bandgap voltage reference,
an error amplifier, a P-channel pass transistor, and a
resistor-divider for setting output voltage. The output
voltage is fixed with high accuracy by advanced
trimming technology.
The EC8841 has been designed to be used with low
cost ceramic capacitors and requires a minimum
output capacitor of
1.0μF. The devices are available
in SOT23-3/5, SOT89 and TO92 packages
Features
● Operating Voltages Range:+2.5V to +18V
● Output Voltages Range:+1.5V to +5.0V with 100mV
Increment
● Low Dropout: 800mV @ 50mA
● High Output Voltage Accuracy±2%:Vout ≧2.7V
● Thermal Overload Shutdown Protection
● Low ESR Capacitor Compatible
● SOT23-3, SOT23-5, SOT89, TO92 Packages
● RoHS Compliant and 100% Lead (Pb)-Free and Green
(Halogen Free with Commercial Standard)
Applications
 Battery powered equipments
 Hand-Held Electronics
 Portable Communication Devices
 Wireless Communication systems
 Precision Voltage Reference
Simplified Application Circuit
SOT89
SOT23 Series


유사한 부품 번호 - EC8841

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
EC88 PHILIPS-EC88 Datasheet
17Kb / 2P
U.H.F. TRIODE
January 1969
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
EC8803XXA6NG1 E-CMOS-EC8803XXA6NG1 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
EC8803XXA6NG2 E-CMOS-EC8803XXA6NG2 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
EC8803XXB1CG1 E-CMOS-EC8803XXB1CG1 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
More results

유사한 설명 - EC8841

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Infineon Technologies A...
IFX30081SJV INFINEON-IFX30081SJV_15 Datasheet
1Mb / 25P
50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Rev. 1.0, 2015-02-04
logo
ON Semiconductor
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com