전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC8841 데이터시트(PDF) 4 Page - E-CMOS Corporation

부품명 EC8841
상세설명  50mA Ultra-Low Quiescent Current LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8841 데이터시트(HTML) 4 Page - E-CMOS Corporation

  EC8841 Datasheet HTML 1Page - E-CMOS Corporation EC8841 Datasheet HTML 2Page - E-CMOS Corporation EC8841 Datasheet HTML 3Page - E-CMOS Corporation EC8841 Datasheet HTML 4Page - E-CMOS Corporation EC8841 Datasheet HTML 5Page - E-CMOS Corporation EC8841 Datasheet HTML 6Page - E-CMOS Corporation EC8841 Datasheet HTML 7Page - E-CMOS Corporation EC8841 Datasheet HTML 8Page - E-CMOS Corporation EC8841 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC8841
50mA Ultra-Low Quiescent Current LDO
Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
3I03N Rev. P001
Electrical Characteristics
(TA=25°C, unless otherwise noted.)
Function Block Diagram
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
18
V
VOUT
Output Voltage
VIN=VOUT+1.0V, IOUT=1mA, VOUT≦2.6V
VOUT*
0.976
VOUT
VOUT*
1.024
V
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧2.7V
VOUT*
0.98
VOUT*
1.02
IMAX
Maximum Load Current
50
mA
IQ
Ground Pin Current
ILOAD=0mA , VIN=VOUT+1.0V
1.0
2.5
µA
VDROP
Dropout Voltage
IOUT=1mA, VOUT=5V
16
20
mV
IOUT=10mA, VOUT=5V
160
200
IOUT=50mA, VOUT=5V
800
1000
∆V
LINE
Line Regulation
VOUT+1.0V<VIN<12V, IOUT=1mA
0.2
0.3
%/V
∆V
LOAD
Load Regulation
IOUT=0mA to 50mA,
0.01
0.02
%/mA
△VOUT/
△TA
Temperature
Characteristic of △VOUT
VIN=5.0V, IOUT=10mA,TA=-40℃~125℃
0.6
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com