전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC8841 데이터시트(PDF) 3 Page - E-CMOS Corporation

부품명 EC8841
상세설명  50mA Ultra-Low Quiescent Current LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8841 데이터시트(HTML) 3 Page - E-CMOS Corporation

  EC8841 Datasheet HTML 1Page - E-CMOS Corporation EC8841 Datasheet HTML 2Page - E-CMOS Corporation EC8841 Datasheet HTML 3Page - E-CMOS Corporation EC8841 Datasheet HTML 4Page - E-CMOS Corporation EC8841 Datasheet HTML 5Page - E-CMOS Corporation EC8841 Datasheet HTML 6Page - E-CMOS Corporation EC8841 Datasheet HTML 7Page - E-CMOS Corporation EC8841 Datasheet HTML 8Page - E-CMOS Corporation EC8841 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC8841
50mA Ultra-Low Quiescent Current LDO
Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 12
3I03N Rev. P001
Pin Assignment & Pin Description
Absolute Maximum Rating
Parameter
Symbol
Value
Units
Input Voltage V
IN to GND
V
IN
20
V
Output Current Limit, I(
LIMIT)
I
OUT
100
mA
Power Dissipation
SOT23-3
P
D
350
mW
SOT23-5
350
mW
SOT89
550
mW
TO92
550
mW
Operating Ambient Temperature
T
OPR
-40 to+125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Lead Temperature (Soldering, 10sec)
+260
°C
Note:
*Stresses beyond those listed under
―absolute maximum ratings‖ may cause permanent damage to the device.These are stress ratings only,
and function operation of the device at these or any other conditions beyond those indicated under
―recommended operating
conditions‖ is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Pin Number
Pin Name
Pin Description
SOT89
(Pin Type L)
SOT89
(Pin Type Y)
1
1
GND
GND Pin
2
3
VIN
Power Input
3
2
VOUT
Output Pin
Pin Number
(TO92)
Pin Name
Pin Description
1
GND
GND Pin
2
VIN
Power Input
3
VOUT
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com