| 전자부품 데이터시트 검색엔진 |
|
MS1003SH 데이터시트(PDF) 18 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MS1003SH 데이터시트(HTML) 18 Page - Shindengen Electric Mfg.Co.Ltd |
|
18 / 41 page ![]() MS1003SH・MS1004SH Application Note Ver.2.2 SHINDENGEN ELECTRIC MFG. CO. , LTD 18/41 5. Design procedure The design procedure presented in this section is intended to illustrate an example of electrical design procedure. Make sure insulation materials, insulation configuration, and structure meet the safety standards set forth by the relevant authorities. The following table shows the units for the parameters used in the formulas encountered in this section: List of units used in the formulas in this section Description Unit Description Unit Voltage V (volt) Time s (second) Current A (ampere) Length mm (millimeter) Power W (watt) Area mm 2 (square millimeter) Capacitance F (farad) Current density A/mm 2 (ampere per square millimeter) Inductance H (henry) Magnetic flux density mT (millitesla) Resistance Ω (ohm) Number of turns turn 5.1 Design flow chart [5.2 Example of main transformer design conditions] P. 19 [5.3 Formulas for main transformer design] P. 19 Select the primary circuit components. Produce a prototype. Design the main transformer. Determine specifications. Check each operating point. Completion Check function. [5.4 Checking the operating points] P. 21 [5.5 Pin design] P. 27 |