| 전자부품 데이터시트 검색엔진 |
|
MFC2000 데이터시트(PDF) 411 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 데이터시트(HTML) 411 Page - List of Unclassifed Manufacturers |
|
411 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 24-25 Table 24-6. Untitled table Address Multiplexing Register SDRAM 64 Mb (16 bit data bus) (14 x 8) SDRAM 64 Mb (8-bit data bus) (14 x 9) SDRAM 16 Mb (16 bit data bus) (12 x 8) SDRAM 16 Mb (8 bit data bus) (12 x 9) External Address ROW COL. ROW COL. ROW COL. ROW COL. MA[12]/BA[1] A[21] A[21] A[21] A[21] 0 0 0 0 MA[11]/BA[0] A[20] A[20] A[20] A[20] 0 0 0 0 MA[10]/EA[11] A[19] 0 A[19] 0 A[19] A[19] A[19] A[19] MA[9]/EA[10] A[18] 0 1 A[18] 0 1 A[18] 0 1 A[18] 0 1 MD[0]/EA[9] A[17] NC 3 A[17] NC 3 A[17] NC 3 A[17] NC 3 MA[8]/EA[8] A[16] 0 A[16] (0 or 1) 2 A[16] 0 A[16] (0 or 1) 2 MA[7]/EA[7] A[15] A[7] A[15] A[7] A[15] A[7] A[15] A[7] MA[6]/EA[6] A[14] A[6] A[14] A[6] A[14] A[6] A[14] A[6] MA[5]/EA[5] A[13] A[5] A[13] A[5] A[13] A[5] A[13] A[5] MA[4]/EA[4] A[12] A[4] A[12] A[4] A[12] A[4] A[12] A[4] MA[3]/EA[3] A[11] A[3] A[11] A[3] A[11] A[3] A[11] A[3] MA[2]/EA[2] A[10] A[2] A[10] A[2] A[10] A[2] A[10] A[2] MA[1]/EA[1] A[9] A[1] A[9] A[1] A[9] A[1] A[9] A[1] MA[0]/EA[0] A[8] A[0] A[8] A[0] A[8] A[0] A[8] A[0] 1. EA[10] is used on SDRAMs for auto-precharge during column access. Auto-precharge will not be utilized by CDRAM so EA[10] will always be set to 0 during column access. 2. EA[8] will be used as the byte control bit for 8-bit SDRAMs. Addresses sent to CDRAM from the CBU will always be halfword addressable. In order to communicate with 8-bit SDRAMs, CDRAM toggles EA[8] and obtains two sequential pieces of 8-bit data and sends it back to the system as one 16-bit data chunk. 3. Since MD[0] is used both as a data pin and an address pin, during the column portion of a SDRAM access, the SDRAM will not read from the EA[9] pin. So EA[9] is no-care [NC] during this time. Although at that time, MD[0] may very well be carrying valid data to the data bus. |