전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823450 데이터시트(PDF) 16 Page - ON Semiconductor

부품명 LC823450
상세설명  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 데이터시트(HTML) 16 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 12Page - ON Semiconductor LC823450 Datasheet HTML 13Page - ON Semiconductor LC823450 Datasheet HTML 14Page - ON Semiconductor LC823450 Datasheet HTML 15Page - ON Semiconductor LC823450 Datasheet HTML 16Page - ON Semiconductor LC823450 Datasheet HTML 17Page - ON Semiconductor LC823450 Datasheet HTML 18Page - ON Semiconductor LC823450 Datasheet HTML 19Page - ON Semiconductor LC823450 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
LC823450
www.onsemi.com
16
Table 5. OTHER AREA (CORTEX−M3) (continued)
USB20HC
Cortex−M3−1
DMAC
Address
Cortex−M3−0
Master/Slave
OHCI
EHCI
D−Bus
DMAC
I−Bus
System
− Bus
D−Bus
I−Bus
Address
System
− Bus
Master/Slave
0x4004
0000
OSC System
d
d
0x4003
0000
Reserved
0x4002
0000
USB2.0
Device(DMAC)
d
d
d
0x4001
0000
USB2.0
Device(CPU)
d
d
d
0x4000
7000
Reserved
0x4000
6000
DSP CMDIF
d
d
0x4000
5000
MUTEX REG
d
d
0x4000
4000
DMAC
d
d
0x4000
3000
INTC
d
d
0x4000
2000
USB2.0 Host
d
d
d
0x4000
1000
S−Flash I/F
d
d
0x4000
0000
External MEM CTL
d
d
6. Access from internal peripheral bus(AHB/APB).
LPDSP32
Table 6. LPDSP32 − DMA
Address
Master/Slave
LPDSP32
DMA
0x23 7000
Reserved
0x20 0000
220 KB LPDSP32 ROM
d
0x18 0000
Reserved
d
0x17 8000
32 KB Internal SRAM (seg 8)
d
0x14 0000
224 KB Internal SRAM (seg 7)
d
0x10 0000
256 KB Internal SRAM (seg 6)
d
0x0C 0000
256 KB Internal SRAM (seg 5)
d
0x0A 0000
128 KB Internal SRAM (seg 4)
d
0x08 0000
128 KB Internal SRAM (seg 3)
d
0x04 0000
256 KB Internal SRAM (seg 2)
d
0x02 0000
128 KB Internal SRAM (seg 1)
d
0x00 0000
128 KB Internal SRAM (seg 0)
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More