전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823450 데이터시트(PDF) 35 Page - ON Semiconductor

부품명 LC823450
상세설명  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 데이터시트(HTML) 35 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
LC823450
www.onsemi.com
35
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
67
A13
34
40
K4
SDAT01
B
CMOS
3−State
6/8/10 mA
PU/PD
VddSD0
3ICUD/3T6
(8)(10)
68
A12
35
41
M1
SDAT02
B
CMOS
3−State
6/8/10 mA
PU/PD
VddSD0
3ICUD/3T6
(8)(10)
69
B12
36
42
J5
SDAT03
B
CMOS
3−State
6/8/10 mA
PU/PD
VddSD0
3ICUD/3T6
(8)(10)
70
C11
37
43
K3
TIOCA01/
SDCMD2/
PHI1/
GPIO0A/
EXTINT0A
B/
B/
O/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD2
3ICUD/3T6
(8)(10)
71
A11
38
44
L2
TXD1/
SDAT20/
GPIO04/
EXTINT04
O/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD2
3ICUD/3T6
(8)(10)
72
B11
39
45
J4
RXD1/
SDAT21/
GPIO05/
EXTINT05
I/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD2
3ICUD/3T6
(8)(10)
73
D12
40
46
L1
VddSD2
P
74
C10
41
47
H6
CTS1/
SDAT22/
RXD0/
GPIO56/
EXTINT56
I/
B/
I/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD2
3ICUD/3T6
(8)(10)
75
E11
42
48
K2
Vss
G
76
B10
43
49
K1
RTS1/
SDAT23/
TXD0/
GPIO57/
EXTINT57
O/
B/
O/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD2
3ICUD/3T6
(8)(10)
77
D11
44
50
J3
TCK/
SDCD2/
GPIO29/
EXTINT29
I/
I/
B/
I
Schmitt
3−State
1/2/4mA
PU/PD
VddSD2
3ISUD/3T1
(2)(4)
78
D10
45
51
H5
TMS/
SDWP2/
GPIO28/
EXTINT28
I/
I/
B/
I
Schmitt
3−State
1/2/4mA
PU/PD
VddSD2
3ISUD/3T1
(2)(4)
79
A10
46
52
J2
TIOCA00/
SDCLK2/
PHI0/
GPIO09/
EXTINT09
B/
O/
O/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddSD2
3ISUD/3T6
(8)(10)
80
E10
−
−
SDRCS
O
−
3−State
2/4/8mA
Vdd2
3T2 (4)(8)
81
F10
−
−
SDRWE
O
−
3−State
2/4/8mA
Vdd2
3T2 (4)(8)
82
G10
−
−
SDRDQM0
O
−
3−State
2/4/8mA
Vdd2
3T2 (4)(8)
83
D9
−
−
SDRDQM1
O
−
3−State
2/4/8mA
Vdd2
3T2 (4)(8)
84
E9
−
−
SDRDATA10
B
CMOS
3−State
2/4/8mA
PD
Vdd2
3ICD/3T2
(4)(8)
85
F9
−
−
SDRDATA11
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
86
A9
47
53
J1
Vdd1
P
87
B9
48
54
H4
Vss
G
88
G9
−
55
G5
XTALINFO0
B
Schmitt
3−State
2/4/8 mA
PU
Vdd2
3ISU/3T2
(4)(8)
89
C9
49
56
H1
Vdd2
P
90
H9
−
−
SDRDATA12
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
91
G8
−
−
SDRDATA13
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
92
F8
−
−
SDRDATA14
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
93
E8
−
−
SDRDATA15
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More