전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823450 데이터시트(PDF) 33 Page - ON Semiconductor

부품명 LC823450
상세설명  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 데이터시트(HTML) 33 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
LC823450
www.onsemi.com
33
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
9
M14
−
−
SDRDATA4
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
10
M13
−
7
M10
NCS0/
GPIO06/
EXTINT06
O/
B/
I
Schmitt
3−State
2/4/8 mA
PU
Vdd2
3ISU/3T2
(4)(8)
11
L16
−
−
GPIO2A/
EXTINT2A/
SDRADDR12
B/
I/
O
Schmitt
3−State
2/4/8 mA
PU/PD
Vdd2
3ISUD/3T2
(4)(8)
12
L15
−
−
Vdd2
P
13
L14
−
−
Vss
G
14
L13
5
8
L9
Vdd1
P
15
L12
−
9
N10
NRD/
GPIO17/
EXTINT17
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
16
K16
−
−
SDRADDR5
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
17
K15
−
−
SDRADDR6
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
18
K14
−
10
M9
NWRENWRL/
GPIO30/
EXTINT30
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
19
K13
−
11
N9
EXD0/
GPIO46/
EXTINT46
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
20
K12
−
−
SDRADDR7
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
21
H13
−
−
SDRDATA5
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
22
J14
−
−
SDRDATA6
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
23
J13
−
−
Vdd2
P
24
H10
−
−
Vss
G
25
J12
−
−
SDRDATA7
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
26
J11
−
−
SDRDATA8
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
27
H11
−
−
SDRDATA9
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
28
H16
6
12
J8
SCK1/
GPIO0D/
EXTINT0D
O/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
29
H14
7
13
N8
TIOCB01/
DMCKO0/
QSCS/
GPIO03/
EXTINT03
B/
O/
O/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
30
J16
8
14
M8
SDO1(QIO1)/
GPIO0F/
EXTINT0F
I(B)/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
31
G14
9
15
L8
VddQSPI
P
32
H15
10
16
K8
SDI1(QIO0)/
GPIO0E/
EXTINT0E
O(B)
/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
33
J15
11
17
N7
Vss
G
34
G16
12
18
M7
SWP1(QIO2)/
GPIO11/
EXTINT11
O(B)
/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
35
G15
13
19
L7
SHOLD1(QIO3)/
GPIO12/
EXTINT12
O(B)
/
B/
I
Schmitt
3−State
6/8/10 mA
PU/PD
VddQSPI
3ISUD/3T6
(8)(10)
36
H12
14
20
K7
TXD2/
TIOCA10/
GPIO0B/
EXTINT0B
O/
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
VddQSPI
3ISUD/3T1
(2)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More